Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV10 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV10
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV10 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV10 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 36Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 37Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 38Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 39Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 40Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 41Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 42Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 39 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.5.2.7
DQ1: Write-to-Buffer Abort
DQ1 indicates whether a Write-to-Buffer operation was aborted. Under these conditions DQ1 produces a 1. The system must issue
the Write-to-Buffer-Abort-Reset command sequence to return the EAC to standby (Read Mode) and the Status Register failed bits
are cleared. See Write Buffer Programming on page 24 for more details.
Notes:
1. DQ5 switches to '1' when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See DQ5: Exceeded Timing Limits
on page 38 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
3. Data are invalid for addresses in a Program Suspended Line. All addresses other than the program suspended line can be read for valid data.
4. DQ1 indicates the Write-to-Buffer ABORT status during Write-Buffer-Programming operations.
5. Applies only to program operations.
Table 5.3 Data Polling Status
Operation
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
DQ1
(Note 4)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No
Toggle
00
Reading within Erasing Sector
0
Toggle
0
1
Toggle
N/A
0
Reading Outside erasing Sector
0
Toggle
0
1
No
Toggle
N/A
0
Program
Suspend
Mode
(Note 3)
Reading within Program Suspended Sector
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
1
Reading within Non-Program Suspended
Sector
Data
Data
Data
Data
Data
Data
1
Erase
Suspend
Mode
Reading within Erase Suspended Sector
1
No
Toggle
0
N/A
Toggle
N/A
1
Reading within Non-Erase Suspend Sector
Data
Data
Data
Data
Data
Data
1
Programming within Non-Erase Suspended
Sector
DQ7#
Toggle
0
N/A
N/A
N/A
0
Write-to-
Buffer
(Notes 4,
5)
BUSY State
DQ7#
Toggle
0
N/A
No
Toggle
00
Exceeded Timing Limits
DQ7#
Toggle
1
N/A
N/A
0
0
ABORT State
DQ7#
Toggle
0
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com