Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV10 Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV10
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV10 Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV10 Datasheet HTML 76Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 77Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 78Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 79Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 80Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 81Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 82Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 83Page - Cypress Semiconductor S29GL01GS11DFIV10 Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 80 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Note:
1. Not 100% tested.
Figure 11.5 Back to Back Read (tACC) Operation Timing Diagram
Figure 11.6 Back to Back Read Operation (tRC)Timing Diagram
Note:
Back to Back operations, in which CE# remains Low between accesses, requires an address change to initiate the second access.
tPACC
Page Access Time
128 Mb, 256 Mb
Max
25
30
–
ns
512 Mb, 1 Gb
–
25
30
tGLQV
tOE
Output Enable to Output Delay
Max
35
ns
tAXQX
tOH
Output Hold time from addresses, CE# or
OE#, Whichever Occurs First
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output
High-Z (Note 1)
Max
20
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tASSB
Automatic Sleep to Standby time (Note 1)
CE# = VIL, Address
stable
Typ
5
µs
Max
8
µs
Table 11.6 Read Operation VIO = 1.65 V to VCC, VCC = 2.7 V to 3.6 V (–40 °C to +105 °C) (Continued)
Parameter
Description
Test Setup
Speed Option
Unit
JEDEC
Std
110
120
130
Amax-A0
CE#
OE#
DQ15-DQ0
tACC
tOE
tCE
tDF
tDF
tOH
tOH
tOH
Amax-A0
CE#
OE#
DQ15-DQ0
tRC
tACC
tOE
tCE
tDF
tOH
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com