Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C032BTMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90C032BTMX/NOPB
Description  DS90C032B LVDS Quad CMOS Differential Line Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032BTMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS90C032BTMX/NOPB Datasheet HTML 1Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 2Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 3Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032BTMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS90C032B
SNLS052C – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Table 1. Receiver Truth Table
ENABLES
INPUTS
OUTPUT
EN
EN*
RIN+ − RIN−
ROUT
L
H
X
Z
VID ≥ 0.1V
H
All other combinations of ENABLE inputs
VID ≤ −0.1V
L
Failsafe OPEN or Terminated
H
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (RIN+, RIN−)
−0.3V to +5.8V
Enable Input Voltage
(EN, EN*)
−0.3V to (VCC + 0.3V)
Output Voltage (ROUT)
−0.3V to (VCC + 0.3V)
Maximum Package Power Dissipation at +25°C
1025 mW
Derate Power Dissipation
8.2 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature, Soldering (4 seconds)
+260°C
Maximum Junction Temperature
+150°C
HBM, 1.5 k
Ω, 100 pF
≥ 2kV
ESD Ratings
EIAJ, 0
Ω, 200 pF
≥ 250V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. “Electrical Characteristics” specifies conditions of device operation.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
+4.5
+5.0
+5.5
V
Receiver Input Voltage
GND
2.4
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS90C032B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com