Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS91D180TMA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # DS91D180TMA/NOPB
Description  DS91D180/DS91C180 100 MHz M-LVDS Line Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91D180TMA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS91D180TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 9Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 10Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 11Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 12Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 13Page - Texas Instruments DS91D180TMA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS91C180, DS91D180
SNLS158M – MARCH 2006 – REVISED APRIL 2013
www.ti.com
FUNCTION TABLES
Table 1. DS91D180/DS91C180 Transmitting(1)
Inputs
Outputs
DE
D
Z
Y
2.0V
2.0V
L
H
2.0V
0.8V
H
L
0.8V
X
Z
Z
(1)
X — Don't care condition
Z — High impedance state
Table 2. DS91D180 Receiving(1)
Inputs
Output
RE
A
− B
R
0.8V
≥ +0.05V
H
0.8V
≤ −0.05V
L
0.8V
0V
X
2.0V
X
Z
(1)
X — Don't care condition
Z — High impedance state
Table 3. DS91C180 Receiving(1)
Inputs
Output
RE
A
− B
R
0.8V
≥ +0.15V
H
0.8V
≤ +0.05V
L
0.8V
0V
L
2.0V
X
Z
(1)
X — Don't care condition
Z — High impedance state
Table 4. DS91D180 Receiver Input Threshold Test Voltages(1)
Applied Voltages
Resulting Differential Input Voltage
Resulting Common-Mode Input
Receiver Output
Voltage
VIA
VIB
VID
VIC
R
2.400V
0.000V
2.400V
1.200V
H
0.000V
2.400V
−2.400V
1.200V
L
3.800V
3.750V
0.050V
3.775V
H
3.750V
3.800V
−0.050V
3.775V
L
−1.400V
−1.350V
−0.050V
−1.375V
H
−1.350V
−1.400V
0.050V
−1.375V
L
(1)
H — High Level
L — Low Level
Output state assumes that the receiver is enabled (RE = L)
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS91C180 DS91D180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com