Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS92001TMA/NOPB.A Datasheet(PDF) 7 Page - Texas Instruments

Part # DS92001TMA/NOPB.A
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS92001TMA/NOPB.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS92001TMA/NOPB.A Datasheet HTML 3Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 4Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 5Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 6Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 7Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 8Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 9Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 10Page - Texas Instruments DS92001TMA/NOPB.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS90LV001
DS92001
short stubs
long stubs
BACKPLANE
Deserializer
Primary
Serializer
RT1
RT1
RT2
RT3
RT3
connector
connector
connector
Redundant
Serializer
DS92001
www.ti.com
SNLS147F – JUNE 2002 – REVISED APRIL 2013
Typical Applications
Figure 10. Backplane Stub-Hider Application
Figure 11. Cable Repeater Application
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com