Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVLLG8C7 Datasheet(PDF) 5 Page - TT Electronics.

Part # OVLLG8C7
Description  Cylindrical High-Intensity LED (5 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLG8C7 Datasheet(HTML) 5 Page - TT Electronics.

  OVLLG8C7 Datasheet HTML 1Page - TT Electronics. OVLLG8C7 Datasheet HTML 2Page - TT Electronics. OVLLG8C7 Datasheet HTML 3Page - TT Electronics. OVLLG8C7 Datasheet HTML 4Page - TT Electronics. OVLLG8C7 Datasheet HTML 5Page - TT Electronics. OVLLG8C7 Datasheet HTML 6Page - TT Electronics. OVLLG8C7 Datasheet HTML 7Page - TT Electronics. OVLLG8C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Cylindrical High-Intensity LED (5 mm)
OVLLx8C7
© TT electronics plc
Rev C
11/2016
Page 5
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Typical Electro-Optical Characteristics Curves (RED)
Fig. 1 Forward Current vs Forward Voltage
Fig. 2 Luminous Intensity vs. Forward Current
Fig. 3 Reverse Current vs. Reverse Voltage
Fig. 4 Allow able Forward Current vs. Ambient Temperature
Fig. 5 Luminous Intensity at 1F =20mA vs. Ambient Temperature
Fig. 6 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com