Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F071C8H7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F071C8H7
Description  ARM®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071C8H7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F071C8H7 Datasheet HTML 6Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 7Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 8Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 9Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 10Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 11Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 12Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 13Page - STMicroelectronics STM32F071C8H7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
Description
STM32F071CB STM32F071RB STM32F071VB STM32F071V8
10/121
DocID025451 Rev 3
2
Description
The STM32F071CB/RB/VB/V8 microcontrollers incorporate the high-performance
ARM® Cortex®-M0 32-bit RISC core operating at up to 48 MHz frequency, high-speed
embedded memories (up to 128 Kbytes of Flash memory and 16 Kbytes of SRAM), and an
extensive range of enhanced peripherals and I/Os. All devices offer standard
communication interfaces (two I2Cs, two SPI/one I2S, one HDMI CEC and four USARTs),
one 12-bit ADC, one 12-bit DAC with two channels, seven 16-bit timers, one 32-bit timer
and an advanced-control PWM timer.
The STM32F071CB/RB/VB/V8 microcontrollers operate in the -40 to +85 °C and -40 to
+105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive set of
power-saving modes allows the design of low-power applications.
The STM32F071CB/RB/VB/V8 microcontrollers include devices in six different packages
ranging from 48 pins to 100 pins with a die form also available upon request. Depending on
the device chosen, different sets of peripherals are included.
These features make the STM32F071CB/RB/VB/V8 microcontrollers suitable for a wide
range of applications such as application control and user interfaces, hand-held equipment,
A/V receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms and
HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com