Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM240 Datasheet(PDF) 3 Page - TT Electronics.

Part # PDAM240
Description  PDAM240 Power Supply Series (240W)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM240 Datasheet(HTML) 3 Page - TT Electronics.

  PDAM240 Datasheet HTML 1Page - TT Electronics. PDAM240 Datasheet HTML 2Page - TT Electronics. PDAM240 Datasheet HTML 3Page - TT Electronics. PDAM240 Datasheet HTML 4Page - TT Electronics. PDAM240 Datasheet HTML 5Page - TT Electronics. PDAM240 Datasheet HTML 6Page - TT Electronics. PDAM240 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.5 05/10/2020 Page: 3
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications Continued
Safety
Approved to USA/CANADA
UL60601-1 3.1 Edition
UL/Cul60950-1 AM2
UL62368-1
Approved to Europe
IEC/EN60601-1 3rd Edition
TUV EN60950-1
CB Report
IEC/EN62368-1
Isolation
4000VAC input to output, 2 x MOPP
2000VAC input to ground, 1 x MOPP
1500VAC output to ground, 1 x MOPP
*Consult with TT Electronics for information on additional country safety approvals
EMC
EMC (IEC60601-1-2:2014)
FCC Class B Radiated & Conducted
EN55011/55022 Class B Radiated & Conducted (Class A Radiated
for Class II Configuration)
Harmonic Currents
Voltage Flicker
Electrostatic Discharge
Radiated Immunity
EFT
Surge Immunity
Conducted Immunity
Power Frequency Magnetic Field Immunity
Dips/Interruptions
IEC 61000-3-2
IEC 61000-3-3
IEC 61000-4-2: 15kV Air, 8kV contact
IEC 61000-4-3: 10V/m
IEC 61000-4-4: ±2kV
IEC 61000-4-5: 2005 1kV diff, 2kV com
IEC 61000-4-6: 10Vrms
IEC 61000-4-8: 30A/m
IEC 61000-4-11: 30% reduction for 500ms, 100% reduction for
10ms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com