Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDD3-30-130-RPU Datasheet(PDF) 1 Page - Novaris

Part # SDD3-30-130-RPU
Description  SDD3-30-130-RPU Surge Diverter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SDD3-30-130-RPU Datasheet(HTML) 1 Page - Novaris

  SDD3-30-130-RPU Datasheet HTML 1Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.novaris.com.au
Email: sales@novaris.com.au
Telephone: +61 3 6229 7233
Electrical Specifications
Maximum discharge current (8/20µs)
I
max
50kA
Voltage protection level @ 3kA (8/20µs)
U
p
<150V
Response time
t
A
<5ns
Earth leakage current
<10µA
Display
LED status
Recommended backup fuse (HRC)
32A
Mechanical Specifications
Operating temperature / humidity
-40 to +65ºC / 0 to 90% non-condensing
Terminal capacity - power
16mm2
Terminal screw torque - power
1.0Nm
Environmental
IP 20
Mounting
TS35 DIN rail
Enclosure / Colour
Metal / black
Weight
230g
Dimensions
Width
36mm
Height
95mm
Depth
70mm
Standards Compliance
IEC 61643-1 class II, III
AS/NZS 1768 categories B,C
IEEE C62.41 categories A, B
BS 6651 categories A, B
CP 33 categories A, B
IEC 1000-4-5-1995
UL1449 third edition
IEC
*Due to continued product development Novaris reserves the right to change these specifications without prior notice
RAIL PROTECTION
Once the disturbance has passed the surge diverter will automatically reset and electronic
systems can return to normal operation, thereby minimising costly downtime.
SDD3-30-130-RPU Surge Diverter
Novaris RPU surge protectors offer unsurpassed protection for Railway Points Systems in
the event
of power surges and transient disturbances, thereby limiting the damage to
valuable electrical and electronic equipment and down time.
Connection type
Shunt
Modes of protection
All mode
Lines
2
Nominal voltage
U
0
24V DC
Maximum continuous voltage
U
c
31V DC


Similar Part No. - SDD3-30-130-RPU

ManufacturerPart #DatasheetDescription
logo
Novaris
SDD3-10-31-RPU NOVARIS-SDD3-10-31-RPU Datasheet
2Mb / 1P
SDD3-10-31-RPU Surge Diverter
SDD3-100-275 NOVARIS-SDD3-100-275 Datasheet
431Kb / 2P
DINsafe Surge Diverter
SDD3-100-275-A NOVARIS-SDD3-100-275-A Datasheet
452Kb / 2P
DINsafe Surge Diverter
SDD3-20-275 NOVARIS-SDD3-20-275 Datasheet
502Kb / 2P
DINsafe Surge Diverter
SDD3-50-275 NOVARIS-SDD3-50-275 Datasheet
446Kb / 2P
DINsafe Surge Diverter
More results

Similar Description - SDD3-30-130-RPU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
List of Unclassifed Man...
GT-SMD181230012-TR ETC2-GT-SMD181230012-TR Datasheet
58Kb / 1P
3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 30
logo
Solid States Devices, I...
SFT5671 SSDI-SFT5671 Datasheet
189Kb / 2P
30 - 50 AMPS 90 - 130 Volts High Power NPN Transistors
logo
ON Semiconductor
NTMFS4834N ONSEMI-NTMFS4834N Datasheet
140Kb / 6P
Power MOSFET 30 V, 130 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 5
logo
Molex Electronics Ltd.
0558830490 MOLEX7-0558830490 Datasheet
338Kb / 5P
3.30mm (.130
logo
Renesas Technology Corp
UPA2766T1A RENESAS-UPA2766T1A Datasheet
149Kb / 7P
N-channel MOSFET 30 V, 130 A, 0.88 mA
UPA2764T1A RENESAS-UPA2764T1A Datasheet
148Kb / 7P
N-channel MOSFET 30 V , 130 A , 1.10 m
logo
KR Electronics, Inc.
2827-130 KR-2827-130 Datasheet
50Kb / 3P
130 KHz Lowpass
logo
Kersemi Electronic Co.,...
AC03DSMA KERSEMI-AC03DSMA Datasheet
1Mb / 5P
30 A surge current
logo
Cooper Bussmann, Inc.
CC3-SMA COOPER-CC3-SMA Datasheet
254Kb / 1P
CSD-SMA-2500 Surge Diverter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com