Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO124U/1K.B Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO124U/1K.B
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124U/1K.B Datasheet(HTML) 1 Page - Texas Instruments

  ISO124U/1K.B Datasheet HTML 1Page - Texas Instruments ISO124U/1K.B Datasheet HTML 2Page - Texas Instruments ISO124U/1K.B Datasheet HTML 3Page - Texas Instruments ISO124U/1K.B Datasheet HTML 4Page - Texas Instruments ISO124U/1K.B Datasheet HTML 5Page - Texas Instruments ISO124U/1K.B Datasheet HTML 6Page - Texas Instruments ISO124U/1K.B Datasheet HTML 7Page - Texas Instruments ISO124U/1K.B Datasheet HTML 8Page - Texas Instruments ISO124U/1K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
+V
S1
V
IN
V
OUT
–V
S1
+V
S2
Gnd 2
–V
S2
Gnd 1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
ISO124 ±10-V Input, Precision Isolation Amplifier
1
1 Features
1
•
100% Tested for High-Voltage Breakdown
•
Rated 1500 Vrms
•
High IMR: 140 dB at 60 Hz
•
Maximum Nonlinearity: 0.010%
•
Bipolar Operation: VO = ±10 V
•
Packages: PDIP-16 and SOIC-28
•
Ease of Use: Fixed Unity Gain Configuration
•
Supply Range: ±4.5-V to ±18-V
2 Applications
•
Industrial Process Control:
–
Transducer Isolator, Isolator for
Thermocouples, RTDs, Pressure Bridges, and
Flow Meters, 4-mA to 20-mA Loop Isolation
•
Ground Loop Elimination
•
Motor and SCR Control
•
Power Monitoring
•
PC-Based Data Acquisition
•
Test Equipment
3 Description
The
ISO124
is
a
precision
isolation
amplifier
incorporating
a
novel
duty
cycle
modulation-
demodulation technique. The signal is transmitted
digitally across a 2-pF differential capacitive barrier.
With digital modulation, the barrier characteristics do
not affect signal integrity, thus resulting in excellent
reliability and good high-frequency transient immunity
across the barrier. Both barrier capacitors are
imbedded in the plastic body of the package.
The ISO124 is easy to use. No external components
are required for operation. The key specifications are
0.010%
maximum
nonlinearity,
50-kHz
signal
bandwidth, and 200-µV/°C VOS drift. A power supply
range of ±4.5 V to ±18 V, and quiescent currents of
±5 mA on VS1 and ±5.5 mA on VS2 make the ISO124
device a good choice for a wide range of applications.
The ISO124 is available in 16-pin PDIP and 28-lead
SOIC plastic surface-mount packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO124
PDIP (16)
17.90 mm × 7.50 mm
SOIC (28)
20.01 mm × 6.61 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Schematic


Similar Part No. - ISO124U/1K.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO124U/1K TI1-ISO124U/1K Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
ISO124U/1KE4 TI1-ISO124U/1KE4 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results

Similar Description - ISO124U/1K.B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD208 AD-AD208 Datasheet
872Kb / 15P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
logo
Analog Devices
AD208 AD-AD208_16 Datasheet
7Mb / 17P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com