Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25005MHX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM25005MHX/NOPB
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25005MHX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM25005MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 17Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 18Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 19Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 20Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 21Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 22Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 23Page - Texas Instruments LM25005MHX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LM25005
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
PCB LAYOUT AND THERMAL CONSIDERATIONS
The circuit in theTypical Application Circuit and Block Diagram serves as both a block diagram of the LM25005
and a typical application board schematic for the LM25005. In a buck regulator there are two loops where
currents are switched very fast. The first loop starts from the input capacitors, to the regulator VIN pin, to the
regulator SW pin, to the inductor then out to the load. The second loop starts from the output capacitor ground,
to the regulator PGND pins, to the regulator IS pins, to the diode anode, to the inductor and then out to the load.
Minimizing the loop area of these two loops reduces the stray inductance and minimizes noise and possible
erratic operation. A ground plane in the PC board is recommended as a means to connect the input filter
capacitors to the output filter capacitors and the PGND pins of the regulator. Connect all of the low power ground
connections (CSS, RT, CRAMP) directly to the regulator AGND pin. Connect the AGND and PGND pins together
through the topside copper area covering the entire underside of the device. Place several vias in this underside
copper area to the ground plane.
The two highest power dissipating components are the re-circulating diode and the LM25005 regulator IC. The
easiest method to determine the power dissipated within the LM25005 is to measure the total conversion losses
(Pin – Pout) then subtract the power losses in the Schottky diode, output inductor and snubber resistor. An
approximation for the Schottky diode loss is P = (1-D) x Iout x Vfwd. An approximation for the output inductor
power is P = IOUT
2 x R x 1.1, where R is the DC resistance of the inductor and the 1.1 factor is an approximation
for the ac losses. If a snubber is used, the power loss can be estimated with an oscilloscope by observation of
the resistor voltage drop at both turn-on and turn-off transitions. The regulator has an exposed thermal pad to aid
power dissipation. Adding several vias under the device to the ground plane will greatly reduce the regulator
junction temperature. Selecting a diode with an exposed pad will aid the power dissipation of the diode.
5V, 2.5A Demo Board Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
2
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
3
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
4
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
5
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
6
OPEN
NOT USED
C
7
C2012X7R2A223K
CAPACITOR, CER, TDK
0.022µ, 100V
C
8
C2012X7R1C474M
CAPACITOR, CER, TDK
0.47µ, 16V
C
9
C3225X7R1C226M
CAPACITOR, CER, TDK
22µ, 16V
C
10
EEFHE0J151R
CAPACITOR, SP, PANASONIC
150µ, 6.3V
C
11
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
12
OPEN
NOT USED
D
1
CSHD6-60C
DIODE, 60V, CENTRAL
6CWQ10FN
DIODE, 100V, IR (D1-ALT)
L
1
DR127-330
INDUCTOR, COOPER
33µH
R
1
OPEN
NOT USED
R
2
OPEN
NOT USED
R
3
CRCW08052102F
RESISTOR
21K
R
4
CRCW08054992F
RESISTOR
49.9K
R
5
CRCW08055111F
RESISTOR
5.11K
R
6
CRCW08051651F
RESISTOR
1.65K
R
7
CRCW2512100J
RESISTOR
10, 1W
U
1
LM25005
REGULATOR, TEXAS INSTRUMENTS
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com