Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25115MT/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM25115MT/NOPB.A
Description  LM25115 Secondary Side Post Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25115MT/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25115MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 12Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LM25115MT/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Phase signal
RAMP pin
HS pin
12V
12V
6V
6V
Main Output = 3.3V
Secondary Output = 2.5V
PWM Threshold
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
The RAMP and SYNC functions illustrated in Figure 11 provide line voltage feed-forward to improve the
regulation of the auxiliary output when the input voltage of the main converter changes. Varying the input voltage
to the main converter produces proportional variations in amplitude of the phase signal. The main channel PWM
controller adjusts the pulse width of the phase signal to maintain constant volt*seconds and a regulated main
output as shown in Figure 12. The variation of the phase signal amplitude and duration are reflected in the slope
and duty cycle of the RAMP signal of the LM25115 (ISYNC α phase signal amplitude). As a result, the duty cycle
of the LM25115 is automatically adjusted to regulate the auxiliary output voltage with virtually no change in the
PWM threshold voltage. Transient line regulation is improved because the PWM duty cycle of the auxiliary
converter is immediately corrected, independent of the delays of the voltage regulation loop.
Figure 12. Line Feed-forward Waveforms
The recommended SYNC input current range is 50µA to 150µA. The SYNC pin resistor (RSYNC) should be
selected to set the SYNC current (ISYNC) to 150µA with the maximum phase signal amplitude, VPHASE(max). This
will ensure that ISYNC stays within the recommended range over a 3:1 change in phase signal amplitude. The
SYNC pin resistor is therefore:
RSYNC = (VPHASE(max) / 150µA) - 2.5kΩ
Once ISYNC has been established by selecting RSYNC, the RAMP signal amplitude may be programmed by
selecting the proper RAMP pin capacitor value. The recommended peak amplitude of the RAMP waveform is 1V
to 1.75V. The CRAMP capacitor is chosen to provide the desired RAMP amplitude with the nominal phase signal
voltage and pulse width.
CRAMP = (3 x ISYNC x TON ) / VRAMP
where
•
CRAMP = RAMP pin capacitance
•
ISYNC = SYNC pin current current
•
TON = corresponding phase signal pulse width
•
VRAMP = desired RAMP amplitude (1V to 1.75V)
For example,
Main channel output = 3.3V. Phase signal maximum amplitude = 12V. Phase signal frequency = 250kHz
•
Set ISYNC = 150µA with phase signal at maximum amplitude (12V):
–
ISYNC = 150µA = VPHASE(max) / (RSYNC + 2.5 kΩ) = 12V / (RSYNC + 2.5 kΩ)
–
RSYNC = 12V/150µA - 2.5kΩ = 77.5kΩ
•
TON = Main channel duty cycle / Phase frequency = (3.3V/12V) / 250kHz = 1.1µs
•
Assume desired VRAMP = 1.5V
•
CRAMP = (3 x ISYNC x TON ) / VRAMP = (3 x 150µA x 1.1µs) / 1.5V
•
CRAMP = 330pF
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com