Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25574QMT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM25574QMT/NOPB
Description  LM25574-Q1 42-V, 0.5-A Step-Down Switching Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25574QMT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM25574QMT/NOPB Datasheet HTML 1Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 2Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 3Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 4Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 5Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 6Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 7Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM25574QMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
4
5
6
7
8
VIN
PRE
FB
VCC
IS
AGND
OUT
RAMP
9
10
11
12
COMP
SD
BST
RT
13
14
15
16
SS
PGND
SYNC
SW
3
LM25574-Q1
www.ti.com
SNVSB19 – DECEMBER 2017
Product Folder Links: LM25574-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW
16-Pin TSSOP
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
VCC
Output of the bias regulator
VCC tracks VIN up to 9 V. Beyond 9 V, VCC is regulated to 7 Volts. A 0.1 uF to 1 uF ceramic decoupling
capacitor is required. An external voltage (7.5 V – 14 V) can be applied to this pin to reduce internal power
dissipation.
2
SD
Shutdown or UVLO input
If the SD pin voltage is below 0.7 V the regulator will be in a low power state. If the SD pin voltage is between
0.7 V and 1.225 V the regulator will be in standby mode. If the SD pin voltage is above 1.225 V the regulator
will be operational. An external voltage divider can be used to set a line undervoltage shutdown threshold. If
the SD pin is left open circuit, a 5 µA pull-up current source configures the regulator fully operational.
3
VIN
Input supply voltage
Nominal operating range: 6 V to 42 V
4
SYNC
Oscillator synchronization input or output
The internal oscillator can be synchronized to an external clock with an external pull-down device. Multiple
LM25574-Q1 devices can be synchronized together by connection of their SYNC pins.
5
COMP
Output of the internal error amplifier
The loop compensation network should be connected between this pin and the FB pin.
6
FB
Feedback signal from the regulated output
This pin is connected to the inverting input of the internal error amplifier. The regulation threshold is 1.225 V.
7
RT
Internal oscillator frequency set input
The internal oscillator is set with a single resistor, connected between this pin and the AGND pin.
8
RAMP
Ramp control signal
An external capacitor connected between this pin and the AGND pin sets the ramp slope used for current
mode control. Recommended capacitor range 50 pF to 2000 pF.
9
AGND
Analog ground
Internal reference for the regulator control functions
10
SS
Soft-start
An external capacitor and an internal 10 µA current source set the time constant for the rise of the error amp
reference. The SS pin is held low during standby, VCC UVLO and thermal shutdown.
11
OUT
Output voltage connection
Connect directly to the regulated output voltage.
12
PGND
Power ground
Low side reference for the PRE switch and the IS sense resistor.
13
IS
Current sense
Current measurement connection for the re-circulating diode. An internal sense resistor and a sample/hold
circuit sense the diode current near the conclusion of the off-time. This current measurement provides the DC
level of the emulated current ramp.
14
SW
Switching node
The source terminal of the internal buck switch. The SW pin should be connected to the external Schottky
diode and to the buck inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com