Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25115MT/NOPB.B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM25115MT/NOPB.B
Description  LM25115 Secondary Side Post Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25115MT/NOPB.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25115MT/NOPB.B Datasheet HTML 3Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 4Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
100
1K
10K
100K
1M
FREQUENCY (Hz)
0
5
10
15
20
25
-70
-55
-40
-25
-10
5
Gain
Phase
16 V/V
Offset 1.27V
-20
-10
0
10
20
30
40
50
60
VCL (mV)
0
0.5
1
1.5
2
2.5
VOUT = 6V
0
2
4
6
8
10
12
14
16
VBIAS (V)
0
2
4
6
8
10
12
14
16
VBIAS
VCC
ICC (mA)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Regulator Start-Up Characteristics, VCC
vs
VBIAS
VCC Load Regulation to Current Limit
Figure 3.
Figure 4.
Current Value (CV)
Current Sense Amplifier Gain and Phase
vs
vs
Current Limit (VCL)
Frequency
Figure 5.
Figure 6.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com