Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM34910CSDX/NOPB.A Datasheet(PDF) 20 Page - Texas Instruments

Part # LM34910CSDX/NOPB.A
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM34910CSDX/NOPB.A Datasheet HTML 13Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 14Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 15Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 16Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 17Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 18Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 19Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 20Page - Texas Instruments LM34910CSDX/NOPB.A Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
10X (0.3)
10X (0.6)
8X (0.8)
4X
(1.31)
4X (1.15)
(0.76)
(3.8)
(R0.05) TYP
(0.68)
WSON - 0.8 mm max height
DPR0010A
PLASTIC SMALL OUTLINE - NO LEAD
4218856/B 01/2021
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 11:
77% PRINTED SOLDER COVERAGE BY AREA
SCALE:20X
SYMM
1
5
6
10
SYMM
METAL
TYP
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com