Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM34910CSDX/NOPB.B Datasheet(PDF) 18 Page - Texas Instruments

Part # LM34910CSDX/NOPB.B
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM34910CSDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 20Page - Texas Instruments LM34910CSDX/NOPB.B Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.ti.com
PACKAGE OUTLINE
C
10X
0.35
0.25
3 0.1
2.6 0.1
0.8
0.7
8X 0.8
10X
0.5
0.3
(0.1) TYP
2X
3.2
0.05
0.00
B
4.1
3.9
A
4.1
3.9
(0.2)
WSON - 0.8 mm max height
DPR0010A
PLASTIC SMALL OUTLINE - NO LEAD
4218856/B 01/2021
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
SEE ALTERNATIVE
LEAD DETAIL
11
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
20.000
FULL R
ALTERNATIVE LEAD
DETAIL
BOTTOM VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com