Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3538TMX/NOPB.A
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3538TMX/NOPB.A Datasheet HTML 6Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 7Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 8Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 9Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 10Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 11Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 12Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 13Page - Texas Instruments LM3538TMX/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN_A,B,C = 3.6V, CIN_A = COUT = 1.0µF, CIN_B = 0.1µF, CIN_C = 4.7µF, C1 = C2= 1.0µF, CLDOx=
1.0µF, TA = 25°C.
Regulator Enable Response; Enable of First Regulator
Regulator Enable Response; Enable of First Regulator
(1mA load, 1.80V) via Reg. Write.
(150mA load, 2.80V) via Reg. Write.
Figure 8.
Figure 9.
Regulator 2,3,4 Short Circuit Current
Regulator 1 Short Circuit Current
VOUT setting = 1.80V
VOUT setting = 2.80V
Figure 10.
Figure 11.
Shutdown Supply Current
Standby Supply Current
HWEN = 0V. Current through VIN_A pin.
HWEN = 1.8V. Current through VIN_A pin.
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com