Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4674ATL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4674ATL/NOPB Datasheet HTML 3Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 4Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 5Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 6Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 7Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 8Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 10Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0.01
0.1
1
10
100
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
Typical Performance Characteristics
THD+N vs Output Power
THD+N vs Output Power
f = 1kHz, AV = 24dB, RL = 8Ω
f = 1kHz, AV = 6dB, RL = 8Ω
Figure 4.
Figure 5.
THD+N vs Output Power
THD+N vs Output Power
f= 1kHz, AV = 24dB, RL = 4Ω
f = 1kHz, AV = 6dB, RL = 4Ω
Figure 6.
Figure 7.
THD+N vs Frequency
THD+N vs Frequency
VDD = 2.5V, POUT = 100mW, RL = 8Ω
VDD = 3.6V, POUT = 250mW, RL = 8Ω
Figure 8.
Figure 9.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com