Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48411TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT POWER (W)
VDD = 5.0V
VDD = 2.5V
VDD = 3.6V
0.00
0.10
0.25
0.30
0.35
0.40
0.45
0.50
0.0
1.0
2.0
3.0
5.0
4.0
OUTPUT POWER (W)
0.05
0.20
0.15
VDD = 5.0V
VDD = 3.6V
VDD = 2.5V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
0
OUTPUT POWER (W)
0.2
0.4
0.6
0.8
1.0
1.2
VDD = 5.0V
VDD = 3.6V
VDD = 2.5V
LM48411
www.ti.com
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
Typical Performance Characteristics (continued)
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
Efficiency vs Output Power
Crosstalk vs Frequency
RL = 8Ω
VDD = 3.6V, RL = 8Ω
Figure 28.
Figure 29.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
RL = 4Ω
RL = 8Ω
Figure 30.
Figure 31.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com