Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48560TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48560TL/NOPB
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48560TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1m
10m
100m
1
OUTPUT VOLTAGE (Vp-p)
2m
5m
20m
50m
2
4
200m
500m
100
0.0001
0.001
0.01
0.1
1
0.0002
0.002
0.02
0.2
2
0.0005
0.005
0.05
0.5
5
10
20
50
f = 2 kHz
f = 1 kHz
f = 200 Hz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
0.01
0.1
1
10
100
OUTPUT VOLTAGE (Vp-p)
0.001
0.01
0.1
1
10
100
f = 200 Hz
f = 1 kHz
f = 2 kHz
f = 5 kHz
f = 4 kHz
f = 3 kHz
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
10
100
1000
10000
100000
0
1
2
3
4
5
6
7
8
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
All typical performance curves are taken with conditions seen in Typical Characteristics, unless otherwise specified.
Figure 9. Output Voltage vs Frequency
Figure 10. Output Voltage vs Frequency
CL = 1.5 μF, THD+N ≤ 1%, Boosted
CL = 1.5 μF, THD+N ≤ 1%, Unboosted
Figure 11. THD+N vs Output Voltage
Figure 12. THD+N vs Output Voltage
CL = 0.6 μF, VDD = 3.6 V, Boosted, AV = 24 dB
CL = 1 μF, VDD = 3.6 V, Boosted, AV = 24 dB
Figure 13. THD+N vs Output Voltage
Figure 14. THD+N vs Output Voltage
CL = 1.5 μF, VDD = 3.6 V, Boosted, AV = 24 dB
CL = 1.5 μF, VDD = 3.6 V, Unboosted, AV = 0 dB
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com