Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4860M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4860M/NOPB
Description  LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4860M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4860M/NOPB Datasheet HTML 1Page - Texas Instruments LM4860M/NOPB Datasheet HTML 2Page - Texas Instruments LM4860M/NOPB Datasheet HTML 3Page - Texas Instruments LM4860M/NOPB Datasheet HTML 4Page - Texas Instruments LM4860M/NOPB Datasheet HTML 5Page - Texas Instruments LM4860M/NOPB Datasheet HTML 6Page - Texas Instruments LM4860M/NOPB Datasheet HTML 7Page - Texas Instruments LM4860M/NOPB Datasheet HTML 8Page - Texas Instruments LM4860M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4860
www.ti.com
SNAS096C – AUGUST 1994 – REVISED MAY 2013
LM4860
Series 1W Audio Power Amplifier with Shutdown
Mode
Check for Samples: LM4860
1
FEATURES
DESCRIPTION
The LM4860 is a bridge-connected audio power
2
•
No Output Coupling Capacitors, Bootstrap
amplifier capable of delivering 1W of continuous
Capacitors, or Snubber Circuits are Necessary
average power to an 8
Ω load with less than 1%
•
Small Outline (SO) Packaging
THD+N over the audio spectrum from a 5V power
•
Compatible with PC Power Supplies
supply.
•
Thermal Shutdown Protection Circuitry
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
•
Unity-Gain Stable
minimal
amount
of
external
components
using
•
External Gain Configuration Capability
surface mount packaging. Since the LM4860 does
•
Two Headphone Control Inputs and
not require output coupling capacitors, bootstrap
Headphone Sensing Output
capacitors or snubber networks, it is optimally suited
for low-power portable systems.
APPLICATIONS
The LM4860 features an externally controlled, low-
•
Personal Computers
power consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism. It
•
Portable Consumer Products
also includes two headphone control inputs and a
•
Cellular Phones
headphone sense output for external monitoring.
•
Self-Powered Speakers
The unity-gain stable LM4860 can be configured by
•
Toys and Games
external gain setting resistors for differential gains of
up to 10 without the use of external compensation
KEY SPECIFICATIONS
components. Higher gains may be achieved with
suitable compensation.
•
THD+N at 1W Continuous Average
•
Output Power into 8
Ω: 1% (Max)
•
Instantaneous Peak Output Power:
> 2 W
•
Shutdown Current:
0.6
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4860M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4860M/NOPB TI1-LM4860M/NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4860M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com