Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4923MM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4923MM/NOPB
Description  LM4923 1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4923MM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4923MM/NOPB Datasheet HTML 1Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 2Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 3Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 4Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 5Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 6Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 7Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4923MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SD
BYP
- Differential Input
-IN
+ Differential Input
+IN
-
+
VO+
VO-
GND
VDD
CS
1 PF
+
RL
8:
+
-
Ri1
Ri2
RF2
RF1
Common
Mode
Bias
CB
1.0 PF
20 k:
20 k:
20 k:
20 k:
LM4923, LM4923LQBD
SNAS211E – JULY 2004 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 3. Typical Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (WQFN)
140°C/W
θJA (DGK)
210°C/W
θJC (DGK)
56°C/W
Soldering Information
See AN-1187 (SNOA401)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4923, see power derating curve for additional information.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF – 240pF discharged through all pins.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4923 LM4923LQBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com