Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025CMTC/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5025CMTC/NOPB
Description  LM5025C Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025CMTC/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5025CMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM5025C
www.ti.com
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 32 kΩ, RSET = 27.4 kΩ) unless otherwise stated
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT_A Peak Current
Bipolar Device @ Vcc/2
3
A
Sink
OUT_A Low Saturation
MOS Device @ Iout = 10mA,
6
9
Ω
OUTPUT_A Rise Time
Cgate = 2.2nF
20
ns
OUTPUT_A Fall Time
Cgate = 2.2nF
15
ns
OUT_B High Saturation
MOS Device @ Iout = -10mA,
10
20
Ω
OUTPUT_B Peak Current
Bipolar Device @ Vcc/2
1
A
Sink
OUT_B Low Saturation
MOS Device @ Iout = 10mA,
12
18
Ω
OUTPUT_B Rise Time
Cgate = 1nF
20
ns
OUTPUT_B Fall Time
Cgate = 1nF
15
ns
Output Timing Control
Overlap Time
RSET = 38 kΩ connected to
75
105
135
ns
GND, 50% to 50% transitions
Deadtime
RSET = 29.5 kΩ connected to
75
105
135
ns
REF, 50% to 50% transitions
Thermal Shutdown
TSD
Thermal Shutdown
165
°C
Threshold
Thermal Shutdown
25
°C
Hysteresis
Thermal Resistance
θJA
Junction to Ambient
PW0016A Package
125
°C/W
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5025C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com