Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMTX/NOPB.B Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5115AMTX/NOPB.B
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5115AMTX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5115AMTX/NOPB.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
40k
100k
R1
R2
R3
C1
PWM
VOUT
COMP
CV
No Lead
Network
Required
ERROR
AMP
FB
TRK/SS
0.75V
CS
VOUT
Current
Sense Amp
1.27V
Negative Current
Comparator
1V
Low Side
Enable
VCL
Vbias
2.35V
ILIMIT SLOW
Gm = 5 mA/V
2V
ILIMIT FAST
CO
AV=16
FB
TRK/SS
CV
PWM
Comparator
CRMIX
to PWM
Latch
ERROR
AMP
0.75V
COMP
LM5115A
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
The capacitor C1 is connected in series with R3 to increase the dc gain of the voltage regulation loop and
improve output voltage accuracy. The corner frequency set by R3 x C1 should be less than 1/10th of the cross-
over frequency of the overall converter such that capacitor C1 does not add phase lag at the crossover
frequency.
Figure 21. Current Sensing and Limiting
Figure 22. Voltage Sensing and Feedback
Current Limiting (CS, CO and VOUT)
Current limiting is implemented through the current sense amplifier as illustrated in Figure 21. The current sense
amplifier monitors the inductor current that flows through a sense resistor connected between CS and VOUT.
The voltage gain of the current sense amplifier is nominally equal to 16. The output of current sense signal is
shifted by 1.27V to produce the internal CV reference signal. The CV signal drives two current limit amplifiers.
Both of the current limit amplifiers have open drain (sink only) output stages which are connected to the CO pin.
The CO pin is typically connected to the COMP pin through a diode (the cathode is connected to the CO pin and
the anode is connected to the COMP pin). The slow current limit amplifier has a nominal transconductance of 5
mA/V and provides constant current mode operation at the desired current limit set point. The fast current limit
amplifier has nominal current pull-down capability of 100mA and provides protection against fast over-current
conditions. During normal operation, the voltage error amplifier controls the COMP pin voltage which adjusts the
PWM duty cycle by varying the internal CRMIX level. However when the current sense input voltage, VCL,
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com