Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7341MFX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM7341MFX/NOPB
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341MFX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7341MFX/NOPB Datasheet HTML 10Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 11Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 12Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 13Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 14Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 15Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MFX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1
10
100
1k
10k
FREQUENCY (Hz)
0
10
100
1000
100k
0.1
1
10
100
VS = ±5V
VOLTAGE
CURRENT
1
10
100
1k
10k
FREQUENCY (Hz)
0
10
100
1000
100k
0.1
1
10
100
VS = ±15V
VOLTAGE
CURRENT
1
10
100
1k
10k
FREQUENCY (Hz)
0
10
100
1000
100k
0.1
1
10
100
VS = 2.7V
VOLTAGE
CURRENT
200 Ps/DIV
INPUT
10,000 pF
20,000 pF
30,000 pF
40,000 pF
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
VS = ±15V
VS = 2.7V
VS = ±5V
2 Ps/DIV
100 pF
360 pF
560 pF
750 pF
1000 pF
INPUT
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
-PSRR vs. Frequency
Small Signal Step Response
Figure 46.
Figure 47.
Large Signal Step Response
Input Referred Noise Density vs. Frequency
Figure 48.
Figure 49.
Input Referred Noise Density vs. Frequency
Input Referred Noise Density vs. Frequency
Figure 50.
Figure 51.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com