Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8262MM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8262MM/NOPB
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262MM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM8262MM/NOPB Datasheet HTML 1Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 2Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 3Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 4Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 5Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 6Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 7Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 8Page - Texas Instruments LM8262MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM8262
SNOS975G – MAY 2001 – REVISED AUGUST 2015
LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
1 Features
3 Description
The LM8262 is a Rail-to-Rail input and output Op
1
(VS = 5V, TA = 25°C, Typical Values Unless
Amp which can operate with a wide supply voltage
Specified).
range. This device has high output current drive,
•
GBWP 21MHz
greater than Rail-to-Rail input common mode voltage
•
Wide Supply Voltage Range 2.5 V to 22 V
range, unlimited capacitive load drive capability, and
provides tested and ensured high speed and slew
•
Slew Rate 12V/µs
rate.
It
is
specifically
designed
to
handle
the
•
Supply Current/channel 1.15 mA
requirements of flat panel TFT panel VCOM driver
•
Cap Load Limit Unlimited
applications as well as being suitable for other low
power and medium speed applications which require
•
Output Short Circuit Current +53mA/
−75 mA
ease of use and enhanced performance over existing
•
+/
−5% Settling Time 400ns (500 pF, 100 mVPP
devices.
step)
Greater than Rail-to-Rail input common mode voltage
•
Input Common Mode Voltage 0.3 V Beyond Rails
range with 50 dB of Common Mode Rejection allows
•
Input Voltage Noise 15nV/
√Hz
high side and low side sensing for many applications
•
Input Current Noise 1pA/
√Hz
without concern for exceeding the range and with no
compromise in accuracy. In addition, most device
•
THD+N < 0.05%
parameters are insensitive to power supply variations.
This design enhancement is yet another step in
2 Applications
simplifying its usage. The output stage has low
•
TFT-LCD Flat Panel VCOM driver
distortion
(0.05%
THD+N)
and
can
supply
a
respectable amount of current (15 mA) with minimal
•
A/D Converter Buffer
headroom from either rail (300 mV).
•
High Side/low Side Sensing
The LM8262 is offered in the space saving VSSOP
•
Headphone Amplifier
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM8262
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Output Response with Heavy Capacitive Load
Gain/Phase vs. Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM8262MM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8262MM/NOPB TI1-LM8262MM/NOPB Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
More results

Similar Description - LM8262MM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com