Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8262MMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM8262MMX/NOPB
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262MMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM8262MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM8262
SNOS975G – MAY 2001 – REVISED AUGUST 2015
www.ti.com
+/
−11V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V
+ = 11V, V− = −11V, V
CM = 0V, VO = 0V, and RL > 1MΩ to 0V. Boldface
limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
ISC
Output Short Circuit Current
Sourcing to ground
40
60
–
VID = 200mV
(5) (6)
25
mA
Sinking to ground
65
100
–
VID = 200mV
(5) (6)
55
IS
Supply Current
No load, VCM = 0V
4
mA
–
2.5
5
SR
Slew Rate
AV = +1, VI = 16VPP
10
V/µs
15
–
(7)
8
fU
Unity Gain Frequency
VI = 10mV, RL = 2kΩ
–
13
–
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
18
MHz
24
–
16
Phim
Phase Margin
VI = 10mV
–
58
–
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
–
15
–
nV/
√Hz
in
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
√Hz
tS
Settling Time (+/
−1%, AV = +1)
Positive Step, 5VPP
–
320
–
ns
Negative Step, 5VPP
–
600
–
THD+N
Total Harmonic Distortion +Noise
RL = 1kΩ, f = 10KHz,
–
0.01%
–
AV = +2, 15VPP swing
CTREJ
Cross-Talk Rejection
f = 5MHz, Driver
dB
–
68
–
RL = 10kΩ
(5)
Short circuit test is a momentary test.
(6)
Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com