Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7341MF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM7341MF/NOPB
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341MF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM7341MF/NOPB Datasheet HTML 14Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 15Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 18Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 19Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 20Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 21Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
-
+
+VCC
-VEE
VOUT
VIN
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Figure 54. Non-Inverting Comparator
COMPARATOR WITH HYSTERESIS
The basic comparator configuration may oscillate or produce a noisy output if the applied differential input
voltage is near the comparator's offset voltage. This usually happens when the input signal is moving very slowly
across the comparator's switching threshold. This problem can be prevented by the addition of hysteresis or
positive feedback.
INVERTING COMPARATOR WITH HYSTERESIS
The inverting comparator with hysteresis requires a three resistor network that is referenced to the supply voltage
VCC of the comparator, as shown in Figure 55. When VIN at the inverting input is less than VA, the voltage at the
non-inverting node of the comparator (VIN < VA), the output voltage is high (for simplicity assume VOUT switches
as high as VCC). The three network resistors can be represented as R1||R3 in series with R2. The lower input trip
voltage VA1 is defined as
VA1 = VCCR2 / ((R1||R3) + R2)
(1)
When VIN is greater than VA (VIN > VA), the output voltage is low, very close to ground. In this case the three
network resistors can be presented as R2||R3 in series with R1. The upper trip voltage VA2 is defined as
VA2 = VCC (R2||R3) / ((R1+ (R2||R3)
(2)
The total hysteresis provided by the network is defined as
Delta VA = VA1- VA2
(3)
For example to achieve 50 mV of hysteresis when VCC = 30V set R1 = 4.02 kΩ, R2 = 4.02 kΩ, and R3 = 1.21 MΩ.
With these resistors selected the error due to input bias current is approximately 1 mV. To minimize this error it is
best to use low resistor values on the inputs.
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com