Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B0512S/D-1W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # B0512S/D-1W
Description  1W, FIXED INPUT ISOLATED & UNREGULATED SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0512S/D-1W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  B0512S/D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0512S/D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0512S/D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0512S/D-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0512S/D-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1W&B_D-1W
B/3-2014
Page 4 of 5
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
B_S-1WR2
B_D-1WR2
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7µH)
Cin(220µF, ESR < 1.0Ω at 100 KHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com