Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFWS455IT Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CFWS455IT
Description  Resin Molded, High Selectivity Low Profile Type Ceramic Filter (6-Element)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFWS455IT Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CFWS455IT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Filter for Communications Equipment
CFWS455 Series
CERAFIL®
33
Resin Molded, High Selectivity Low Profile Type
Ceramic Filter (6-Element)
No.P05E9.pdf 00.7.20
This is the PDF file of catalog No.P05E-9.
*CERAFIL®is the Registered Trademark
of Murata Manufacturing Co., Ltd.
Ceramic filter CFWS455
- series are low profile high
selectivity ceramic filters which use 6 elements in ladder
form. They have the same electric characteristics as
CFW455
- series, best suitable to high-class transceivers,
cordless telephones and amateur radios.
!FEATURES
1. Low profile, high selectivity.
2. Available bandwidths B to I as standard.
3. Easily mountable on an any PC boards.
4.Operating temperature range :
Y20D to W80D
Storage temperature range :
Y40D to W85D
!SPECIFICATIONS
(Back Side of PCB)
Connection
q
Input
wer
Ground
t
Output
Tol. without notice :
T0.3
11.0
T0.5
7.0
T0.5
5-0.15
T0.05
2.0 2.3T0.5
1.2
T0.5
2.9
2.6
2.9
2.9
2.6
2.9
5-1.0
φ Hole
2.0
0.6
T0.1
0.8
T0.1
qw e
r
t
(in mm)
Connection
q
Input
wer
Ground
t
Output
Rg
S.S.G.
R1
CFWS455
R2
R.F.
Voltmeter
Rg
WR1=R2=Input/Output Impedance
q
t
we r
0
10
20
30
40
50
60
70
80
410 420 430 440 450 460 470 480 490 500
Frequency (kHz)
CFWS455E
Note : To take best advantage of safety feature of ceramic filters, connect the output to an IF amplifier through a DC cut capacitor.
Avoid directly applying a direct current to output of ceramic filters (between 5 and 2,3,4).
Character-
istics
Part Number
Nominal Center
Frequency
(kHz)
CFWS455B
CFWS455C
CFWS455D
CFWS455E
CFWS455F
CFWS455G
CFWS455HT
CFWS455IT
455
455
455
455
455
455
455
455
6dB Bandwidth
(kHz)min.
T15
T12.5
T10
T07.5
T06
T04.5
T03
T02
Ripple
(dB)max.
3
3
3
3
3
2
2
2
50dB Bandwidth
(kHz)max.
T30
T24
T20
T15
T12.5
T10
T09
T07.5
Attenuation
455
T100kHz
(dB)min.
35
35
35
35
35
35
60
60
Insertion Loss
(dB)max.
4
4
4
6
6
6
6
6
Input/Output
Impedance
(
Ω)
1500
1500
1500
1500
2000
2000
2000
2000
!DIMENSIONS
!TEST CIRCUIT
!FREQUENCY CHARACTERISTICS


Similar Part No. - CFWS455IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFWS455IT ETC-CFWS455IT Datasheet
57Kb / 2P
CERAMIC FILTERS
More results

Similar Description - CFWS455IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450W ETC-LTM450W Datasheet
66Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
ECS, Inc.
LPBJ ECS-LPBJ Datasheet
235Kb / 1P
2 ELEMENT CERAMIC FILTER
LTM450U ECS-LTM450U Datasheet
270Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
6 ELEMENT CERAMIC FILTER
LTM455U ECS-LTM455U Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM455W ECS-LTM455W Datasheet
309Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
Oscilent Corporation
774-4.5M OSCILENT-774-4.5M Datasheet
133Kb / 2P
Ceramic Series High Selectivity Type
774-60M OSCILENT-774-60M Datasheet
133Kb / 2P
High Selectivity Type
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
Resin-Molded Chip, High CV Undertab
logo
GETAI ELECTRONICS DEVIC...
2CL30KV-1A GETEDZ-2CL30KV-1A Datasheet
156Kb / 1P
High reliability resin molded type high voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com