Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD54HC123F Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC123F
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC123F Datasheet HTML 4Page - Texas Instruments CD54HC123F Datasheet HTML 5Page - Texas Instruments CD54HC123F Datasheet HTML 6Page - Texas Instruments CD54HC123F Datasheet HTML 7Page - Texas Instruments CD54HC123F Datasheet HTML 8Page - Texas Instruments CD54HC123F Datasheet HTML 9Page - Texas Instruments CD54HC123F Datasheet HTML 10Page - Texas Instruments CD54HC123F Datasheet HTML 11Page - Texas Instruments CD54HC123F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Test Circuits and Waveforms
FIGURE 1. OUTPUT PULSE CONTROL USING RESET INPUT
(R) PULSE FOR 123
FIGURE 2. OUTPUT PULSE CONTROL USING RESET INPUT
(R) FOR 423
FIGURE 3. TRIGGERING OF ONE SHOT BY INPUT A OR INPUT B FOR A PERIOD tW
FIGURE 4. TYPICAL OUTPUT PULSE WIDTH AS A FUNCTION
OF CX FOR RX = 10kΩ AND 100kΩ
FIGURE 5. TYPICAL “K” FACTOR AS A FUNCTION OF VCC
B = LOW
A = HIGH
tW
tW
VS
VS
Q
R
B
A
tW
tW
A
B
R
B = LOW
A = HIGH
Q
tW
VS
VS
tW
tW
A
B
B
A
Q
trT
(R = HIGH)
tW
tW
tW
tW
NOTE: Output pulse control using retrigger pulse for 123 and 423.
VS
2
4
6
8
103
102
101
2
4
6
8
2
4
6
8
2
4
6
8
EXTERNAL CAPACITANCE (CX) - pF
24 6 8
103
104
2
4 68
2
4 68
2
4 68
105
106
107
R X
=
100k
Ω
R X
=
10k
Ω
DC SUPPLY VOLTAGE (VCC) = 5V
AMBIENT TEMPERATURE (TA) = 25
oC
EXTERNAL CAPACITANCE (CX) = 10nF
EXTERNAL RESISTANCE (RX) = 10kΩ TO 100kΩ
AMBIENT TEMPERATURE (TA) = 25
oC
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
12
3
4
5
6
7
8
9
10
11
HCT
DC SUPPLY VOLTAGE (VCC) - VOLTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com