Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8544IPFB Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8544IPFB
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8544IPFB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8544IPFB Datasheet HTML 9Page - Texas Instruments DAC8544IPFB Datasheet HTML 10Page - Texas Instruments DAC8544IPFB Datasheet HTML 11Page - Texas Instruments DAC8544IPFB Datasheet HTML 12Page - Texas Instruments DAC8544IPFB Datasheet HTML 13Page - Texas Instruments DAC8544IPFB Datasheet HTML 14Page - Texas Instruments DAC8544IPFB Datasheet HTML 15Page - Texas Instruments DAC8544IPFB Datasheet HTML 16Page - Texas Instruments DAC8544IPFB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
VREF+
To Output
Amplifier
R
R
R
R
VREF–
OUTPUT AMPLIFIER
PARALLEL INTERFACE
LDAC FUNCTION
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
THEORY OF OPERATION (continued)
Figure 31. Resistor String
The output buffer is capable of generating rail-to-rail voltages at its output, which gives an output range of 0 V to
VREF+. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND. The source and sink capabilities of
the output amplifier can be seen in the typical curves. The slew rate is 1 V/
µs with a full-scale settling time of 10
µs with the output loaded. The feedback and gain setting resistors of the amplifier are in the order of 50 kΩ. Their
absolute value can be off significantly, but they are matched to within 0.1%.
The inverting input of the output amplifier is brought out to the VFB pin, through the feedback resistor. This allows
for better accuracy in critical applications by tying the VFB point and the amplifier output together at the load.
Other signal conditioning circuitry may also be connected between these points for specific applications including
current sourcing.
The DAC8544 provides a 16-bit parallel interface and supports both writing to and reading from the DAC input
register. (See the timing characteristics section for detailed information for a typical write or read operation.) In
addition to the data, CS, and R/W inputs, the DAC8544's interface also provides power down, LDAC, and reset
control. Table 1 to Table 5 show the control signal actions and data format, respectively. These features are
discussed in more detail in the remaining sections.
Table 1. DAC8544 CONTROL SIGNAL SUMMARY
CS
R/W
LDAC
RST
PD
ACTION
H
X
X
X
X
Device data I/O is disabled on the bus.(1)
↓
L
X
H,L
H
Write initiated, external data is latched when writing to the device.
↓
H
X
H,L
H
Read initiated, data from input register is presented to data bus.
X
X
↑
H,L
H
Data from input register is transferred to DAC register and VOUT is updated.
All DAC registers and voltage outputs (VOUT ) reset to min-scale. (If DAC is powered down during
X
X
X
↑
H
reset, DAC registers reset and outputs (VOUT ) settle to min-scale on power up.)
X
X
X
X
L
Power down device, VOUT impedance equals high impedance
(1)
Only disables 16-bit data I/O interface. Other control lines remain active.
The DAC8544 is designed using a double-buffered architecture. A write operation (falling edge of CS while R/W
is low) transfers data from the data input pins into the input register. The data is held in the input register until a
rising-edge is detected on the LDAC input. This rising-edge signal transfers the data from the input registers to
the DAC registers. On issuance of the rising LDAC edge, the output of the DAC8544 begins settling to the newly
written data value presented to the DAC register. Data in the input register is not changed when an LDAC rising
edge occurs.
Table 2. LDAC Function Section
A1
A0
CS
R/W
LDAC
ACTION
X
X
X
X
↑
All DAC registers are simultaneously loaded with the contents of their corresponding input registers
and all DAC outputs also updated.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com