Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8544IPFBR Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8544IPFBR
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8544IPFBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8544IPFBR Datasheet HTML 3Page - Texas Instruments DAC8544IPFBR Datasheet HTML 4Page - Texas Instruments DAC8544IPFBR Datasheet HTML 5Page - Texas Instruments DAC8544IPFBR Datasheet HTML 6Page - Texas Instruments DAC8544IPFBR Datasheet HTML 7Page - Texas Instruments DAC8544IPFBR Datasheet HTML 8Page - Texas Instruments DAC8544IPFBR Datasheet HTML 9Page - Texas Instruments DAC8544IPFBR Datasheet HTML 10Page - Texas Instruments DAC8544IPFBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−0.005
−0.004
−0.003
−0.002
−0.001
0
0.001
0.002
0.003
0.004
0.005
0
10000
20000
30000
40000
50000
60000
Digital Input Code
−3
−2
−1
0
1
2
3
−40
−20
0
20
40
60
80
100
Gain
Full-Scale
Zero-Scale
VDD = 5.5 V
TA − Free-Air Temperature − °C
−5
0
5
10
15
20
25
30
35
40
−1
−0.4
0
0.4
1
TA = 25°C
Offset Error − mV
−0.2
−0.6
−0.8
0.2
0.6
0.8
−3
−2
−1
0
1
2
3
−40
−20
0
20
40
60
80
100
Gain
Full-Scale
Zero-Scale
VDD = 3.6 V
TA − Free-Air Temperature − °C
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS (continued)
DAC8544
Pin
Mnemonic
Function
46
VFBA
Analog output sense for DAC-A
47
VREFA+
High reference voltage input for DAC-A
48
VREFA–
Low reference voltage input for DAC-A, normally VREFA– = GND
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
TOTAL UNADJUSTED ERROR
ERROR
vs
vs
DIGITAL INPUT CODE
TEMPERATURE
Figure 1.
Figure 2.
ERROR
OFFSET ERROR DISTRIBUTION
vs
(ACROSS MANY SAMPLES)
TEMPERATURE
Figure 3.
Figure 4.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com