Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26C32AMWG/883 Datasheet(PDF) 13 Page - Texas Instruments

Part # DS26C32AMWG/883
Description  DS26C32AMQML Quad Differential Line Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS26C32AMWG/883 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS26C32AMWG/883 Datasheet HTML 9Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 10Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 11Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 12Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 13Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 14Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 15Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 16Page - Texas Instruments DS26C32AMWG/883 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9164001M2A
NAJ
LCCC
20
50
470
11
3810
0
5962-9164001MEA
NFE
CDIP
16
25
506.98
15.24
13440
NA
5962-9164001MFA
NAD
CFP
16
19
502
23
9398
9.78
DS26C32AME/883
NAJ
LCCC
20
50
470
11
3810
0
DS26C32AME/883.A
NAJ
LCCC
20
50
470
11
3810
0
DS26C32AMJ/883
NFE
CDIP
16
25
506.98
15.24
13440
NA
DS26C32AMJ/883.A
NFE
CDIP
16
25
506.98
15.24
13440
NA
DS26C32AMW/883
NAD
CFP
16
19
502
23
9398
9.78
DS26C32AMW/883.A
NAD
CFP
16
19
502
23
9398
9.78
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com