Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450AMT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3450AMT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450AMT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3450AMT/NOPB Datasheet HTML 1Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 2Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 3Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 4Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 5Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 6Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 7Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 8Page - Texas Instruments LM3450AMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VCC, HOLD, DIM, BIAS
-0.3V to 25.0V
HOLD Power
250 mW Continuous
BIAS Current
5.0mA Continuous
ZCD Current
+/- 10mA
COMP, FB, VAC, FLT1, FLT2, VREF, CS, VADJ
-0.3V to 7.0V
ISEN
-7.0V to 7.0V
GATE
-0.3V to 18V Continuous
-2.5V for 100ns
20.5V for 100ns
-1mA to +1mA Continuous
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
Internally Limited
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Solder and Reflow) (3)
260°C
ESD Susceptibility (4)
HBM
2kV
MM
200V
FICDM
750V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply ensured performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless otherwise
specified.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Refer to http://www.ti.com/packaging for more detailed information and mounting techniques.
(4)
Human Body Model, applicable std. JESD22-A114-C. Machine Model, applicable std. JESD22-A115-A. Field Induced Charge Device
Model, applicable std. JESD22-C101-C.
OPERATING CONDITIONS
(1)
VCC Range
8.5V to 20V
Junction Temperature Range
-40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply ensured performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless otherwise
specified.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com