Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450MT/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 27Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 28Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 29Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 30Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 31Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 32Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 33Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 34Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
30W SINGLE STAGE DESIGN SPECIFICATIONS
AC Input Voltage: 120VAC nominal (90VAC - 135VAC) or 230VAC nominal (180VAC - 265VAC)
Flyback Output Voltage Maximum: 60V
Regulated LED Current: 700mA
Table 3. Bill of Materials(1)
Reference Designator
Description
Manufacturer
Part Number
LM3450A
IC PFC CONT 16-TSSOP
TI
LM3450AMT
LMV431
IC SHUNT REG SOT-23
TI
LMV431AIM5
U1
IC DUAL OP-AMP
TI
LM2904
C1a, C1b, C1c,
120V
CAP CER 0.22µF 250V 1210
MURATA
GRM32DR72E224KW01L
C5a, C5b, C5c
230V
CAP CER 68nF 250V 1210
MURATA
GRM32QR72E683KW01L
C2
CAP MPY 33nF 250VAC X1 RAD
EPCOS
B32912A3333M
C3
CAP CER 47µF 6.3V 0805
TAIYO YUDEN
JMK212BJ476MG-T
C4
120V
CAP MPY 0.22µF 400V RAD
WIMA
MKP10-.22/400/20
230V
CAP MPY 62nF 1000V RAD
VISHAY
BFC238330623
C6
CAP CER 4.7nF 500VAC Y1 RAD
EPCOS
VY1472M63Y5UQ63V0
C7a
CAP ELEC 1mF 63V RAD
NICHICON
UPW1J102MHD
C7b, C8b, C9b, C11, C15
CAP CER 0.1µF 50V 1206
MURATA
GRM188R71H104KA93D
C8a, C9a
CAP ELEC 220µF 50V RAD
NICHICON
UHE1H221MPD
C10
CAP CER 10nF 25V 0603
MURATA
GRM188R71E103KA01D
C12, C13, C14, C18, C19
CAP CER 1µF 16V 0603
MURATA
GRM188R71C105KA12D
C16
CAP CER 0.22µF 16V 0603
TDK
C1608X7R1C224K
C17
CAP CER 10µF 16V 1206
MURATA
GRM31CR71C106KAC7L
D1a, D1b
120V
DIODE ULTRAFAST 200V 1A SMA
FAIRCHILD
ES1D
230V
DIODE FAST 400V 1A DO-214AC
FAIRCHILD
ES1G
D2
DIODE ULTRAFAST 200V 1A SMA
FAIRCHILD
ES1D
D3, D5
DIODE ULTRAFAST 100V 0.2A SOT-23
FAIRCHILD
MMBD914
D4
DIODE DUAL SCHOTTKY 20V 0.5A SOT-23
NXP SEMI
PMEG3005CT,215
D6
120V
DIODE TVS 150V 600W UNI SMB
LITTLEFUSE
SMBJ150A
230V
DIODE TVS 220V 600W UNI SMB
LITTLEFUSE
SMBJ220A
D7
DIODE ULTRAFAST 600V 1A SMA
FAIRCHILD
ES1J
D8
DIODE ZENER 24V 1.5W SMA
MICRO-SEMI
SMAJ5934B-TP
D9
DIODE SCHOTTKY 20V 3A SMA
FAIRCHILD
ES2AA-13-F
D10
DIODE RECT 600V 0.5A Minidip
COMCHIP
HD06
D11, D12
DIODE ZENER 10V 500mW SOD-123
FAIRCHILD
MMSZ5240B
D13
DIODE ZENER 1.8V 500MW SOD-123
ON-SEMI
MMSZ4678T1G
D17
DIODE ZENER 3.9V 500MW SOD-123
ON-SEMI
MMSZ4686T1G
D18
DIODE ZENER 18V 500MW SOD-123
ON-SEMI
MMSZ5248T1G
D19
DIODE SCHOTTKY 30V 200mA SOT-23
FAIRCHILD
BAT54
L1
IND LINE FILTER 6mH 0.3A 11M
PANASONIC
ELF-11M030E
L1, L2, L3
IND SHIELD 1mH 1.18A SMT
COILCRAFT
MSS1278-105KL
L4
IND SHIELD 270µH 2.34A SMT
COILCRAFT
MSS1278-274KLB
Q1
MOSFET N-CH 800V 3A DPAK
ST MICRO
STD4NK80ZT4
Q2
120V
MOSFET N-CH 500V 9A DPAK
ST MICRO
STD11NM50N
230V
MOSFET N-CH 800V 6A DPAK
INFINEON
SPD06N80C3
Q3, Q4
TRANS NPN 40V 0.6A SOT-23
FAIRCHILD
MMBT4401
Q6
TRANS NPN 40V 0.2A SOT-23
FAIRCHILD
MMBT3904
(1)
Components are used in both versions unless otherwise noted
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com