Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3463SQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3463SQ/NOPB
Description  Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3463SQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3463SQ/NOPB Datasheet HTML 17Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 18Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 19Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 20Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 21Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 22Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 23Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 24Page - Texas Instruments LM3463SQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
VLED-MAX-COLD, the highest forward
voltage of LED strings under low
temperature
Identify VLED-MAX-COLD
Identify VLED-MIN-HOT
Adjust the nominal output voltage of the
primary power supply,
VRAIL(nom) = VLED-MIN-HOT - 5V
Set the peak output voltage of the primary
power supply (at VOutP = 0.15V),
VRAIL(peak) = VLED-MAX-COLD + 10V
Set the LED turn on voltage,
VDHC_READY = VLED-MAX-COLD + 5V
Begin design
End of design
VLED-MIN-HOT, the lowest forward voltage
of LED strings under high temperature
VRAIL(nom), the nominal output voltage
of the primary power supply.
e.g. Assume VFB = 2.5V,
REMARKS
PROCEDURES
VRAIL(peak), the output voltage of the
primary power supply when the OutP
pin is pulling to its minimum.
VFB
R2
VFB - 0.15 - 0.6
RDHC
VFB
R1
VRAIL(peak) =
R1 + R2
R2
2.5V
VRAIL(nom) =
VDHC_READY, the LED turn on voltage is
defined by RFB1 and RFB2 connected to
the VLedFB pin.
RFB1 + RFB2
RFB2
2.5V
VDHC_READY =
LM3463
www.ti.com
SNVS807A – MAY 2012 – REVISED MAY 2013
Figure 26. Procedure of defining startup parameters
Setting the RDHC and VRAIL
Prior to defining the parameters for the operations in steady state, the value of the RDHC and different levels of
the supply rail voltage (VRAIL) during system startup must be determined. Figure 26 illustrates the procedures of
determining the value of the RDHC and voltage levels of the VRAIL(nom), VRAIL(peak) and VDHC_READY.
In Figure 26, the VLED-MAX-COLD and VLED-MIN-HOT are the maximum and minimum forward voltages of the LED
strings under the required lowest and highest operation temperatures respectively. In order to ensure all the LED
string are supplied with adequate forward current when turning on the LEDs, the VDHC_READY must be set higher
than the VLED-MAX-COLD. For most applications, the VDHC_READY can be set 5 V higher than the VLED-MAX-COLD.
In order to reserve voltage headroom to perform DHC under high operation temperature, the nominal output
voltage of the primary power supply must be set lower than the VLED-MIN-HOT. For most applications, the VRAIL(nom)
can be set 5 V lower than the VLED-MIN-HOT. Figure 27 shows an example connection diagram of interfacing the
LM3463 to a power supply of 2.5V feedback reference voltage.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com