Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM79L05ACM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM79L05ACM/NOPB
Description  LM79LXXAC Series 3-Terminal Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM79L05ACM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM79L05ACM/NOPB Datasheet HTML 1Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 2Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 3Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 4Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 5Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 6Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 7Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 8Page - Texas Instruments LM79L05ACM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM79L05AC is OBSOLETE
LM79L05, LM79L12, LM79L12AC
LM79L15, LM79L15AC
www.ti.com
SNOSBR8K – JULY 1999 – REVISED APRIL 2013
LM79LXXAC Series 3-Terminal Negative Regulators
Check for Samples: LM79L05, LM79L12, LM79L12AC, LM79L15, LM79L15AC
1
FEATURES
DESCRIPTION
The
LM79LXXAC
series
of
3-terminal
negative
2
•
Preset Output Voltage Error is Less than ±5%
voltage regulators features fixed output voltages of
Over Load, Line and Temperature
−5V, −12V, and −15V with output current capabilities
•
Specified at an Output Current of 100mA
in excess of 100mA. These devices were designed
•
Easily Compensated with a Small 0.1
μF Output
using the latest computer techniques for optimizing
the packaged IC thermal/electrical performance. The
Capacitor
LM79LXXAC series, when combined with a minimum
•
Internal Short-Circuit, Thermal and Safe
output capacitor of 0.1
μF, exhibits an excellent
Operating Area Protection
transient response, a maximum line regulation of
•
Easily Adjustable to Higher Output Voltages
0.07% VO/V, and a maximum load regulation of
0.01% VO/mA.
•
Maximum Line Regulation Less than 0.07%
VOUT/V
The LM79LXXAC series also includes, as self-
•
Maximum Load Regulation Less than 0.01%
protection circuitry: safe operating area circuitry for
output
transistor
power
dissipation
limiting,
a
VOUT/mA
temperature independent short circuit current limit for
•
See AN-1112 (SNVA009) for DSBGA
peak output current limiting, and a thermal shutdown
Considerations
circuit to prevent excessive junction temperature.
Although
designed
primarily
as
fixed
voltage
regulators, these devices may be combined with
simple external circuitry for boosted and/or adjustable
voltages and currents. The LM79LXXAC series is
available in the 3-lead TO package, the 8-lead SOIC
package, and the 6-Bump DSBGA package.
For output voltages other than the pre-set -5V, -12V
and -15V, the LM137L series provides an adjustable
output voltage range from -1.2V to -47V.
Typical Applications
*Required if the regulator is located far from the power supply filter.
A 1
μF aluminum electrolytic may be substituted.
−V0 = −5V − (5V/R1 + IQ) • R2,
**Required for stability. A 1
μF aluminum electrolytic may be
5V/R1 > 3 IQ
substituted.
Figure 1. Fixed Output Regulator
Figure 2. Adjustable Output Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM79L05ACM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM79L05ACM/NOPB TI-LM79L05ACM/NOPB Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
More results

Similar Description - LM79L05ACM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
Series 3-Terminal Negative Regulators
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com