Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ070XZ01ZP Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ070XZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ01ZP Datasheet(HTML) 6 Page - Sharp Corporation

  PQ070XZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ070XZ01ZP Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
s Precautions for Use
1
3
2
5
4
VIN
CIN
R2
R1
CO
VO
+
C-MOS or TTL
Load
1. External connection
(1) The connecting wiring of CO, CIN and each terminal, fin portion must be as short as possible. It may oscillate by type, value and
wiring condition of capacitor. Confirm the output wareform in actual using condition beforehand.
(2) ON/OFF control terminal
is compatible with LS-TTL. It enables to be direcrly driven by TTL or C-MOS standard logic
(RCA4000 series).
(3) If voltage is applied under the conditions that device pin is connected divergently or reversely, the deterioration of
characteristics or damage may occur. Never allow improper mounting.
2. Thermal protection design
Maximum power dissipation of devices is obtained by the following equation.
PD
=I
O
×(V
IN
−V
O)
+V
IN
×I
q
When ambient temperature Ta and power dissipation PD (MAX.) during operation are determined, operate element within the safety
operation area specified by the derating curve. Insufficient radiation gives an unfavorable influence to the normal operation and
reliability of the device.
In the external area of the safety operation area shown by the derating curve, the overheat protection circuit may operate to shut-
down output. However please avoid keeping such condition for a long time.
3. ESD (Electrostatic Sensitivity Discharge)
Be careful not to apply electrostatic discharge to the device since this device employs a bipolar IC and may be damaged by electro
static discharge. Followings are some methods against excessive voltage caused by electro static discharge.
(1) Human body must be grounded to discharge the electro charge which is charged in the body or cloth.
(2) Anything that is in contact with the device such as workbench, inserter, or measuring instrument must be grounded.
(3) Use a soldering dip basin with a minimum leak current (isolation resistance 10M
Ω or more) from the AC power supply line.
Also the soldering dip basin must be grounded.
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com