Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ070XZ5MZP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ070XZ5MZP
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ5MZP Datasheet(HTML) 4 Page - Sharp Corporation

  PQ070XZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
Fig.12 Quiescent Current vs. Ambient
Temperature
Fig.11 Dropout Voltage vs. Ambient
Temperature
0
0.05
0.1
0.15
0.2
0.25
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=2.35V
VC=2.7V
R1=1kΩ
R2=1.4kΩ
(VO=3V)
PQ070XZ01Z:IO=0.5A
PQ070XZ5MZ:IO=0.3A
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VIN=4V
IO=0A
VC=2.7V
R1=1kΩ
R2=1.4kΩ
(VO=3V)
PQ070XZ01Z
PQ070XZ5MZ
Input voltage VIN (V)
0
10
20
012345
RL=10Ω (IO=0.3A)
RL=6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
CIN=0.33µF
CO=47µF
Input voltage VIN (V)
0
10
20
30
012345
RL=3Ω (IO=1A)
RL=6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
CIN=0.33µF
CO=47µF
Fig.9 Circuit Operating Current vs. Input
Voltage (PQ070XZ5MZ)
Fig.10 Circuit Operating Current vs. Input
Voltage (PQ070XZ01Z)
0.1
1
10
100
Input ripple frequency f (kHz)
40
45
50
55
60
65
70
75
ei(rms)
=0.5V
VIN=5V
VC=2.7V
IO=0.3A
CO=47µF
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
35
PQ070XZ01Z
PQ070XZ5MZ
Fig.13 Ripple Rejection vs. Input Ripple
Frequency
40
45
50
55
60
65
70
75
0
0.25
0.5
0.75
1
Output current IO (A)
ei(rms)
=0.5V
f
=120Hz
VIN=5V
VC=2.7V
CO=47µF
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
PQ070XZ5MZ
PQ070XZ01Z
Fig.14 Ripple Rejection vs. Output Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com