Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRCM18-5AC Datasheet(PDF) 1 Page - Autonics Corporation

Part # PRCM18-5AC
Description  Cylindrical connector type proximity sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRCM18-5AC Datasheet(HTML) 1 Page - Autonics Corporation

  PRCM18-5AC Datasheet HTML 1Page - Autonics Corporation PRCM18-5AC Datasheet HTML 2Page - Autonics Corporation PRCM18-5AC Datasheet HTML 3Page - Autonics Corporation PRCM18-5AC Datasheet HTML 4Page - Autonics Corporation PRCM18-5AC Datasheet HTML 5Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H057
Z|~.} 6C@ M@NKJIN@ AM@LP@I>T DN OC@ <Q@M<B@ Q<GP@l 6C@ NO<I?<M? N@INDIB O<MB@O DN PN@? <I? OC@ RD?OC DN N@O <N p ODH@N JA OC@
NO<I?<M? N@INDIB O<MB@Oj omp JA OC@ N@INDIB ?DNO<I>@ AJM OC@ ?DNO<I>@l
Z-~| NO<I?<M? DO@H DN <Q<DG<=G@ <I? <?? ck-c OJ OC@ @I? JA HJ?@Gl~Sh34|0opkr}2k-
Z5@@ .kso AJM -~| NO<I?<M? >JII@>OJM ><=G@N <I? NK@>DAD><ODJINl
6_SQULXQKIS 6VUUMKZVX G_WM
CSMIYM XMIL z6I[ZQVU NVX _V[X YINMZ_z QU VWMXIZQVU
TIU[IS JMNVXM [YQUO+
y
JdZ[a
e5CJMO@I OC@ ODH@ JA H<DIO@I<I>@
e-HKMJQ@? OC@ IJDN@ M@NDNO<I>@ RDOC ?@?D><O@? -|
g}| qkRDM@h
e4@Q@MN@ KJR@M KJG<MDOTg}| qkRDM@hj NPMB@gz|m}|hj
JQ@M>PMM@IO KMJO@>ODJIg}|h
e4@? /~} NO<OPN DI?D><ODJI
e-3tu M<O@? R<O@MKMJJA NOMP>OPM@g-~| NO<I?<M?h
e4@KG<>@M AJM HD>MJ NRDO>C@N <I? GDHDO NRDO>C@N
6_SQULXQKIS KVUUMKZVX Z_WM WXV^QTQZ_ YMUYVX
a9MIZ[XMY
hchjaWi_dc g[h_hiWcY[
hcZ_YWidg
O[ch_c] Z_hiWcY[
Fnhi[g[h_h
OiWcZWgZ h[ch_c]
iWg][i
O[ii_c] Z_hiWcY[
Mdl[g hjeean
,Le[gWi_dc kdaiW][-
N[hedch[
\g[fj[cYn|~.}
N[h_ZjWa kdaiW][
@\\[Yi_dc Xn P[be1
Bdcigda djieji
C_[a[Yig_Y hig[c]i^
R_XgWi_dc
O^dY`
@bX_[ci i[be[gWijg[
OidgW][ i[be[gWijg[
@bX_[ci ^jb_Z_in
Mgdi[Yi_dc Y_gYj_i
Mgdi[Yi_dc
Qc_i l[_]^i
@eegdkWa
I[W`W][ Yjgg[ci
aFWMKQNQKIZQVUY
sHH Wond
vHH Wond
onHH Wond
osHH Wond
pHH Wond
opkpr7}|
gonkqn7}|h
0<Sl nltHz
p V onnHz
opXopXoHHg-MJIh
ovXovXoHH
g-MJIh
psXpsXoHH
g-MJIh
qnXqnXoHH
g-MJIh
rsXrsXoHH
g-MJIh
n V onlsHH
n V uHH
n V sltHH
n V qlsHH
n V plvHH
n V olrHH
pnn,U
rnn,U
qsn,U
snn,U
olsF,U
qs V wsd4,
-3tug-~| NO<I?<M?h
0<Slu7
CE6@G./*/7B
CE6@G./*/76
CE6@G./*17B
CE6@G./*176
CE6@G.3*27B
CE6@G.3*276
CE6@G.3*37B
CE6@G.3*376
CE6@G0-*.-7B
CE6@G0-*.-76
CE6@G0-*.27B
CE6@G0-*.276
zKKMJSlptB
zKKMJSlrwB
zKKMJSl oqrB
e76 /*]QXM Z_WM
rHH Wond
0<Sl ond JA N@INDIB ?DNO<I>@
Wond 0<Sl AJM N@INDIB ?DNO<I>@ <O ipnY RDOCDI O@HK@M<OPM@ M<IB@ JA kps V iunY
5PMB@ KMJO@>ODJI >DM>PDOj 2Q@MGJ<? e 5CJMO >DM>PDO KMJO@>ODJI
0DIlsn0[g<O snn7}| H@B<h
osnn7z| snmtn,U AJM o HDIPO@
oHH <HKGDOP?@ <O AM@LP@I>T JA on V ss,U DI @<>C JA 9j :j ; ?DM@>ODJIN AJM p CJPMN
snnHmN`gsn+h DI 9j :j ; ?DM@>ODJIN AJM q ODH@N
2K@M<ODJI DI?D><OJMg4@? /~}h
kps V iunYg<O IJIkAM@@UDIB NO<OPNh
kqn V ivnYg<O IJIkAM@@UDIB NO<OPNh
|>}
CPVZV
MSMKZXQK
YMUYVX
|;}
FMUYVX
KVUZXVSSMX
|@}
EVZIX_
MUKVLMX
|:}
7QYWSI_
[UQZ
|9}
GIKPV,
FWMML,
C[SYM
TMZMX
|8}
CIUMS
TMZMX
|?}
CXMYY[XM
YMUYVX
|7}
CV]MX
KVUZXVSSMX
|<}
F]QZKPQUO
WV]MX
Y[WWS_
|6}
GMTW+
KVUZXVSSMX
|A}
FZMWWQUO
TVZVX {
7XQ\MX {
6VUZXVSSMX
|C}
9QMSL
UMZ]VXR
LM\QKM
|B}
:XIWPQK
WIUMS
|4}
6V[UZMX
|5}
GQTMX
|D}
CXVL[KZQVU
YZVWWIOM
TVLMSY {
XMWSIKMTMUZ
|=}
CXV^QTQZ_
YMUYVX


Similar Part No. - PRCM18-5AC

ManufacturerPart #DatasheetDescription
logo
Comus International
PRC-175 COMUS-PRC-175_30 Datasheet
351Kb / 1P
Cylindrical Proximity Switch - Change Over Contacts - Suggested Magnet: PRM
PRC-SP-003 COMUS-PRC-SP-003 Datasheet
376Kb / 1P
Rectangular Proximity Switch - Change Over Contacts
PRC-SP-004 COMUS-PRC-SP-004 Datasheet
87Kb / 1P
Proximity Switch - Reed Switch based - Rectangular - Change over Contacts
PRC-SP-005 COMUS-PRC-SP-005 Datasheet
411Kb / 1P
Proximity Switch - Reed Switch based Over Moulded Changeover Switch
PRC-TS-001 COMUS-PRC-TS-001 Datasheet
375Kb / 1P
M8 Threaded Proximity Switch - Change-Over Contact
More results

Similar Description - PRCM18-5AC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
Cylindrical Proximity Sensor
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
Cylindrical Type proximity Sensor
PR12-2DP ETC2-PR12-2DP Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
logo
Omron Electronics LLC
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com