Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0707/P/09 Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PX0707/P/09
Description  Standard Buccaneer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0707/P/09 Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

  PX0707/P/09 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0707/P/09 Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
27 Buccaneer for Power
BUCCANEER FOR POWER
Specifications
No. Poles:
Current Rating:
VDE
UL, CSA
Voltage Rating (ac/dc):
Contact Resistance:
Insulation Resistance:
AC Breakdown voltage:
Operating Temp. Range:
Approvals:
2, 3
4
6, 7
9
12 25
12A 10A
5A
5A
5A 1A
10A
6A
3A
5A
5A 1A
277V 277V 277V 150V 50V 50V
<10mΩ (2-9 Pole)
<5mΩ (12 Pole)
<5mΩ (25 Pole)
>10⁴MΩ @ 500V d.c. (2-9 Pole)
4kV Pole - Pole (2-9 Pole)
6kV Poles - Panel (Low Profile Flange
and Panel Types – 2-9 Pole)
7.5kV Poles - Panel (Other Types –
2-9 Pole)
–20°C to +70°C
E93288 and E337507
LR80968-30
40023148
2011010203500391 – 1 Amp Rated
2011010203500393 – 5 Amp Rated
2011010203500394 – 10 Amp Rated
2011010203500395 – 12 Amp Rated
Overmoulded cable assemblies
approvals to customer requirements.
Sealing:
Salt Mist:
Cable Acceptance:
2-12 Pole - standard gland:
2-12 Pole - alternative glands:
25 Pole - standard gland:
25 Pole - alternative glands:
Contact Accommodation:
2 and 3 pole screw terminals:
3 pole crimp:
4, 6 and 7 pole:
9 pole:
12 pole:
25 pole:
Terminations:
2-7 Pole:
3 Pole:
9 Pole:
12 Pole:
25 Pole:
Tightening Torques:
Flex Mounting/In-Line:
Panel Mounting:
Surface/Bulkhead and Low
Profile Flange Mounting:
Sealings Caps/Locking Ring:
Rear thread, Front Panel Connector:
Thread, Front Panel Connector:
IP68, EN 60529:1992+A2:2013
Tested @ 1.054kg/sq.cm. (15lb/sq.in.)
10m depth for 2 weeks.
EN 60529:1992 +A2:2013 Tested @
9.84kg/sq.cm. (140lb/sq.in.) 100m
depth for 12 hours.
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
6-8mm dia
3.5-9mm dia
7-9mm dim
3.5-7mm dim
4mm2 (12AWG) max
1.0-1.5mm2 (14-18AWG) max
1.5mm2 (16AWG) max
0.12-0.21mm2 (24-26AWG)
0.32mm2 (22-26AWG) max
0.12-0.21mm2 (24-26AWG)
Screw Terminals
Screw Terminals & Crimp
Crimp Contacts
Crimp & Solder Contacts
Crimp & Solder Contacts
Gland Nut: 1.13Nm (10lbf.in.)
Rear Fixing Nut: 1.7Nm (15lbf.in.)
Front Fixing Nut: 1.7Nm (15lbf.in.)
4 Fixing Screws (using washers
supplied) 0.34Nm (3lbf.in.)
1.13Nm (10lbf.in.)
M27 x 1.0-6H
M35 x 1.0-6H
Glass Filled Polyamide UL94HB
Polyamide UL94V-0
Polyamide UL94V-0
Polyamide UL94V-0
Polyamide UL94V-0
Polyurethane
UL94V-HB
Brass, Nickel Plated
Copper Alloy, Tin Plated
Copper Alloy, Gold Plated
(0.1μm on Nickel)
Brass, Nickel Plated
Brass, Silver Plated
Compliant
Body Mouldings:
Inserts (2-25 pole):
PX0707
PX0708
PX0709
Overmoulded types:
Body Mouldings:
Flammability Rating:
Contacts:
Screw Terminal:
Crimp (9 pole):
Crimp/Solder
(12+25 Pole):
BNC inserts:
BNC contacts:
RoHS
Electrical:
Mechanical:
Material:
UL
CSA
VDE
CCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com