Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3485MM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3485MM/NOPB
Description  LM3485 Hysteretic PFET Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3485MM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3485MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 11Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 12Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 13Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 14Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 15Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 16Page - Texas Instruments LM3485MM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM3485
www.ti.com
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 24. Current Sensing by VDS
The current limit is activated when the voltage at the ADJ pin exceeds the voltage at the ISENSE pin. The ISENSE
comparator triggers the 9-µs one shot pulse generator forcing the driver to turn the PFET off. The driver turns the
PFET back on after 9 µs. If the current has not reduced below the set threshold, the cycle will repeat
continuously.
A filter capacitor, CADJ, should be placed as shown in Figure 24. CADJ filters unwanted noise so that the ISENSE
comparator will not be accidentally triggered. A value of 100 pF to 1 nF is recommended in most applications.
Higher values can be used to create a soft-start function (see Start Up).
The current limit comparator has approximately 100 ns of blanking time. This ensures that the PFET is fully on
when the current is sensed. However, under extreme conditions such as cold temperature, some PFETs may not
fully turn on within the blanking time. In this case, the current limit threshold must be increased. If the current limit
function is used, the on time must be greater than 100 ns. Under low duty cycle operation, the maximum
operating frequency will be limited by this minimum on time.
During current limit operation, the output voltage will drop significantly as will operating frequency. As the load
current is reduced, the output will return to the programmed voltage. However, there is a current limit foldback
phenomenon inherent in this current limit architecture. See Figure 25.
Figure 25. Current Limit Fold Back Phenomenon
At high input voltages (>28 V) increased undershoot at the switch node can cause an increase in the current limit
threshold. To avoid this problem, a low Vf Schottky catch diode must be used (see Catch Diode Selection (D1)).
Additionally, a resistor can be placed between the ISENSE pin and the switch node. Any value up to
approximately 600
Ω is recommended.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com