Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3485MMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3485MMX/NOPB
Description  LM3485 Hysteretic PFET Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3485MMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3485MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LM3485
www.ti.com
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
9 Power Supply Recommendations
The devices are designed to generate from an input voltage supply range between 4.5 V and 35 V. The input
should be well regulated. If the input supply is located more than a few inches from the LM3485 EVM, an
additional bulk capacitor may be required. A tantalum capacitor with a valve of 47 µt as a typical choice.
10 Layout
10.1 Layout Guidelines
The PC board layout is very important in all switching regulator designs. Poor layout can cause switching noise
into the feedback signal and general EMI problems. For minimal inductance, the wires indicated by heavy lines
should be as wide and short as possible. Keep the ground pin of the input capacitor as close as possible to the
anode of the diode. This path carries a large AC current. The switching node, the node with the diode cathode,
inductor, and FET drain, should be kept short. This node is one of the main sources for radiated EMI because it
is an AC voltage at the switching frequency. It is always good practice to use a ground plane in the design,
particularly at high currents.
The two ground pins, PWR GND and GND, should be connected by as short a trace as possible; they can be
connected underneath the device. These pins are resistively connected internally by approximately 50
Ω. The
ground pins should be tied to the ground plane, or to a large ground trace in close proximity to both the FB
divider and COUT grounds.
The gate pin of the external PFET should be located close to the PGATE pin. However, if a very small FET is
used, a resistor may be required between PGATE and the gate of the FET to reduce high frequency ringing.
Because this resistor will slow the rise time of the PFET, the current limit blanking time should be taken into
consideration (see Current Limit Operation).
The feedback voltage signal line can be sensitive to noise. Avoid inductive coupling to the inductor or the
switching node, by keeping the FB trace away from these areas.
10.2 Layout Example
Figure 30. Top Layer,
Figure 31. Bottom Layer,
Typical PCB Layout (3.3-V Output)
Typical PCB Layout (3.3-V Output)
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com