Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48860TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48860TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
20
30
40 50 60
80
70
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
20
30
40 50 60
80
70
OUTPUT POWER (mW)
0.01
10
10
200
0.1
1
20
40
60
100
OUTPUT POWER (mW)
0.01
10
10
200
0.1
1
20
40
60
100
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
20
30
40 50 60
80
70
OUTPUT POWER (mW)
0.01
10
10
100
0.1
1
20
30
40 50 60
80
70
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.6V, RL = 32Ω
VDD = 3.6V, RL = 32Ω, f = 1kHz
f = 1kHz, 22kHz BW, one channel enabled
22kHz BW, two channels in phase
Figure 9.
Figure 10.
THD+N vs Output Power
THD+N vs Output Power
VDD = 4.2V, RL = 16Ω
VDD = 4.2V, RL = 16Ω, f = 1kHz
f = 1kHz, 22kHz BW, one channel enabled
22kHz BW, two channels in phase
Figure 11.
Figure 12.
THD+N vs Output Power
THD+N vs Output Power
VDD = 4.2V, RL = 32Ω
VDD = 4.2V, RL = 32Ω, f = 1kHz
f = 1kHz, 22kHz BW, one channel enabled
22kHz BW, two channels in phase
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com