Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48860TL/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM48860TL/NOPB.A
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48860TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LM48860TL/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
400
0
30
40
50
60
70
80
0
50
100
150
200
250
300
350
20
10
OUTPUT POWER/CHANNEL (mW)
700
0
120
0
200
300
400
500
600
20
40
60
80
100
100
OUTPUT POWER/CHANNEL (mW)
OUTPUT POWER/CHANNEL (mW)
300
0
70
0
100
150
200
250
50
10
20
30
40
50
60
OUTPUT POWER/ CHANNEL (mW)
200
0
70
0
25
50
75
100
125
150
175
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
0
120
2.0
3.0
3.5
4.0
4.5
5.0
5.5
20
40
60
80
100
THD+N = 10%
THD+N = 1%
2.5
SUPPLY VOLTAGE (V)
0
70
2.0
3.0
3.5
4.0
4.5
5.0
5.5
20
30
40
50
60
10
2.5
THD+N = 10%
THD+N = 1%
LM48860
SNAS398D – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 16Ω, f = 1kHz, 22kHz BW
RL = 32Ω, f = 1kHz, 22kHz BW
Figure 27.
Figure 28.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 3V, RL = 16Ω, f = 1kHz
VDD = 3V, RL = 32Ω, f = 1kHz
Figure 29.
Figure 30.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 5V, RL = 16Ω, f = 1kHz
VDD = 5V, RL = 32Ω, f = 1kHz
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com