Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95233CISDX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM95233CISDX/NOPB
Description  LM95233 Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95233CISDX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95233CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 9Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 10Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 11Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SNP
GND
D1
PIN
GND
PIN
D1
V+
6.5V
D3
ESD
CLAMP
D2
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Pin #
Label
Circuit
Circuits for Pin ESD Protection Structure
1
NC
–
2
VDD
A
3
NC
–
4
NC
–
5
D-
A
6
D2+
A
Figure 3. Circuit A
7
D1+
A
8
GND
–
9
A0
B
10
TCRIT1
B
11
TCRIT2
B
12
SMBDAT
B
13
SMBCLK
B
Figure 4. Circuit B
14
TCRIT2
B
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com