Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0202MT/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0202MT/NOPB.B
Description  LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0202MT/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LMH0202MT/NOPB.B Datasheet HTML 1Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 2Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 3Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 4Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 5Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 6Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 7Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 8Page - Texas Instruments LMH0202MT/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LMH0202
www.ti.com
SNLS212C – FEBRUARY 2006 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage:
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Output Current
28 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 16-pin TSSOP
+125°C/W
θJC 16-pin TSSOP
+105°C/W
ESD Rating (HBM)
5 kV
ESD Rating (MM)
250V
(1)
Absolute Maximum Ratings are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of Electrical Characteristics specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – VEE):
3.3V ±5%
Operating Free Air Temperature (TA)
0°C to +70°C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMIN
Input Common Mode Voltage
SDI1, SDI1,
1.6 +
VCC –
V
SDI2, SDI2
VSDI/2
VSDI/2
VSDI
Input Voltage Swing
Differential
100
2000
mVP−P
VCMOUT Output Common Mode Voltage
SDO1,
VCC –
V
SDO1,
VSDO
SDO2, SDO2
VSDO
Output Voltage Swing
Single-ended, 75
Ω load,
RREF1 = 750Ω 1%,
750
800
850
mVP-P
RREF2 = 750Ω 1%
Single-ended, 75
Ω load,
RREF1 = 590Ω 1%,
900
1000
1100
mVP-P
RREF2 = 590Ω 1%
VSDHD
SD/HD Input Voltage
Min for SD
SD/HD1,
2.4
V
SD/HD2
Max for HD
0.8
V
ISDHD
SD/HD Input Current
3.7
µA
ICC
Supply Current
SD/HD1 = 0, SD/HD2 = 0(3)
90
98
mA
SD/HD1 = 1, SD/HD2 = 1(3)
76
86
mA
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Maximum ICC is measured at VCC = +3.465V and TA = +70°C.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com