Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0002MA/NOPB.A Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0002MA/NOPB.A
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0002MA/NOPB.A Datasheet(HTML) 4 Page - Texas Instruments

  LMH0002MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH0002MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1
4
3
2
LMH0002SQ
(top view)
12
9
10
11
8
5
6
7
13
16
15
14
VEE
SDI
SDI
SDO
SD/HD
VCC
RREF
SDO
SDO
SDO
1
2
3
4
5
6
7
8
SDI
RREF
SDI
SD/HD
VCC
VEE
LMH0002
SNLS215E – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAM
Figure 1. 8-Pin SOIC
See D Package
Figure 2. 16-Pin WQFN
See RUM0016A Package
Table 1. PIN DESCRIPTIONS
SOIC
WQFN
Name
Description
Pin #
Pin #
1
1
SDI
Serial data true input.
2
2
SDI
Serial data complement input.
3
3
VEE
Negative power supply (ground).
4
4
RREF
Output driver level control. Connect a resistor to VCC to set output voltage swing.
5
9
VCC
Positive power supply (+3.3V).
6
10
SD/HD
Output slew rate control. Output rise/fall time complies with SMPTE 292M when low and
SMPTE 259M when high.
7
11
SDO
Serial data complement output.
8
12
SDO
Serial data true output.
—
5, 6, 7, 8,
NC
No connect.
13, 14, 15,
16
—
DAP
VEE
Connect exposed DAP to negative power supply (ground).
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com