Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIMFSBSS123T2 Datasheet(PDF) 1 Page - TT Electronics.

Part # SIMFSBSS123T2
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SIMFSBSS123T2 Datasheet(HTML) 1 Page - TT Electronics.

  SIMFSBSS123T2 Datasheet HTML 1Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 2Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N-Channel Enhancement
Mode Power MOSFET
SIMFSBSS123T2
Hermetic TO39 (TO205AD) Package
VDS = 100V , ID = 0.43A, RDS(ON) = 6.0Ω
Fast Switching
Integral Source-Drain Body Diode
High Reliability and Screening Options Available
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab
assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that
datasheets are current before placing orders.
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number:
Issue:
Page:
11507
1
1 of 3
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VDS
Drain - Source Voltage
100V
VGS
Gate - Source Voltage
±20V
ID
(1)
Continuous Drain Current TC = 25°C
0.43A
IDM
(1)(2)
Pulsed Drain Current
0.575A
PD
Total Power Dissipation at TC ≤ 25°C
2.5W
De-rate TC > 25°C
20mW/°C
TJ
Operating Temperature Range
-65 to +150°C
Tstg
Storage Temperature Range
-65 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
50
°C/W


Similar Part No. - SIMFSBSS123T2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SIMFSBSS123T2 TTELEC-SIMFSBSS123T2 Datasheet
736Kb / 3P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SIMFSBSS123T2

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com